Part Number Hot Search : 
K3543 AO9926BL NJM12902 NDSC1 Z225E STPSA42 NSSW088T 071CN
Product Description
Full Text Search
 

To Download MC100EL38-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 january, 2002 rev. 3 1 publication order number: mc100el38/d mc100el38 5vecl 2, 4/6 clock generation chip the mc100el38 is a low skew 2, 4/6 clock generation chip designed explicitly for low skew clock generation applications. the internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. the device can be driven by either a differential or single-ended ecl or, if positive power supplies are used, pecl input signal. the v bb pin, an internally generated voltage supply, is available to this device only. for single-ended input conditions, the unused differential input is connected to v bb as a switching reference voltage. v bb may also rebias ac coupled inputs. when used, decouple v bb and v cc via a 0.01  f capacitor and limit current sourcing or sinking to 0.5 ma. when not used, v bb should be left open. the common enable (en ) is synchronous so that the internal dividers will only be enabled/disabled when the internal clock is already in the low state. this avoids any chance of generating a runt clock pulse on the internal clock when the device is enabled/disabled as can happen with an asynchronous control. an internal runt pulse could lead to losing synchronization between the internal divider stages. the internal enable flip-flop is clocked on the falling edge of the input clock, therefore, all associated specification limits are referenced to the negative edge of the clock input. the phase_out output will go high for one clock cycle whenever the 2 and the 4/6 outputs are both transitioning from a low to a high. this output allows for clock synchronization within the system. upon startup, the internal flip-flops will attain a random state; therefore, for systems which utilize multiple el38s, the master reset (mr) input must be asserted to ensure synchronization. for systems which only use one el38, the mr pin need not be exercised as the internal divider design ensures synchronization between the 2 and the 4/6 outputs of a single device. ? 50 ps output-to-output skew ? synchronous enable/disable ? master reset for synchronization ? esd protection: > 2 kv hbm, > 100 v mm ? the 100 series contains temperature compensation ? pecl mode operating range: v cc = 4.2 v to 5.7 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = 4.2 v to 5.7 v ? internal input pulldown resistors on clk, en , mr, and divsel ? q output will default low with inputs open or at v ee ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul 94 code v0 @ 1/8 , oxygen index 28 to 34 ? transistor count = 388 devices http://onsemi.com marking diagram a = assembly location wl = wafer lot yy = year ww = work week so20 dw suffix case 751d 1 20 1 20 100el38 awlyyww device package shipping ordering information mc100el38dw so20 38 units/rail mc100el38dwr2 so20 1000 units/reel
mc100el38 http://onsemi.com 2 warning: all v cc and v ee pins must be externally connected to power supply to guarantee proper operation. clk pinout: 20-lead soic (top view) clk mr v cc 17 18 16 15 14 13 12 4 3 5678 9 q0 11 10 q1 q1 q2 q2 q3 q3 v ee en 19 20 2 1 v cc q0 phase_out phase_out v bb v cc divsel* q 2 , q 3 outputs 0 divide by 4 1 divide by 6 clk, clk ecl diff clock inputs en ecl sync enable mr ecl master reset q0, q0 ; q1,q1 ecl diff 2 outputs q2,q2 ; q3, q3 ecl diff 4/6 outputs div_sel ecl frequency select input phase_out, ecl phase sync signal phase_out v bb reference voltage output v cc positive supply v ee negative supply pin description clk* z zz x en * l h x mr* l l h function divide hold q 03 reset q 03 function table z = low-to-high transition zz = high-to-low transition * all v cc pins are tied together on the die. pin function * pin will default low when left open. * pin will default low when left open. div_sel figure 1. pinout assignment phase out logic clk clk en mr divsel p2 q0 q0 q1 q1 p4/6 q2 q2 q3 q3 phase_out phase _out figure 2. logic diagram r r r r
mc100el38 http://onsemi.com 3 maximum ratings (note 1) symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 8 v v ee necl mode power supply v cc = 0 v 8 v v i pecl mode input voltage v ee = 0 v v i v cc 6 v v i pecl mode in ut voltage necl mode input voltage v ee 0 v v cc = 0 v v i ? ?? ? ? v ee 6 6 v v i out output current continuous surge 50 100 ma ma i bb v bb sink/source 0.5 ma ta operating temperature range 40 to +85 c t stg storage temperature range 65 to +150 c q ja thermal resistance (junctiontoambient) 0 lfpm 500 lfpm 20 soic 20 soic 90 60 c/w c/w q jc thermal resistance (junctiontocase) std bd 20 soic 30 to 35 c/w t sol wave solder < 2 to 3 sec @ 248 c 265 c 1. maximum ratings are those values beyond which device damage may occur. 100el series pecl dc characteristics v cc = 5.0 v; v ee = 0.0 v (note 2) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 50 60 50 60 54 65 ma v oh output high voltage (note 3) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mv v ol output low voltage (note 3) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mv v ih input high voltage (singleended) 3835 4120 3835 4120 3835 4120 mv v il input low voltage (singleended) 3190 3525 3190 3525 3190 3525 mv v bb output voltage reference 3.62 3.74 3.62 3.74 3.62 3.74 v v ihcmr input high voltage common mode range (differential) (note 4) 1.65 4.45 1.65 4.45 1.65 4.45 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / 0.5 v. 3. outputs are terminated through a 50 w resistor to v cc 2.0 v. 4. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies betwe en v pp min and 1 v.
mc100el38 http://onsemi.com 4 100el series necl dc characteristics v cc = 0.0 v; v ee = 5.0 v (note 5) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 50 60 50 60 54 65 ma v oh output high voltage (note 6) 1085 1005 880 1025 955 880 1025 955 880 mv v ol output low voltage (note 6) 1830 1695 1555 1810 1705 1620 1810 1705 1620 mv v ih input high voltage (singleended) 1165 880 1165 880 1165 880 mv v il input low voltage (singleended) 1810 1475 1810 1475 1810 1475 mv v bb output voltage reference 1.38 1.26 1.38 1.26 1.38 1.26 v v ihcmr input high voltage common mode range (differential) (note 7) 3.35 0.55 3.35 0.55 3.35 0.55 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 5. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / 0.5 v. 6. outputs are terminated through a 50 w resistor to v cc 2.0 v. 7. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies betwe en v pp min and 1 v. ac characteristics v cc = 5.0 v; v ee = 0.0 v or v cc = 0.0 v; v ee = 5.0 v (note 8) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency tbd tbd tbd ghz t plh t phl propagation delay clk q (diff) to output clk q (s.e.) clk phase_out (diff) clk phase_out (s.e.) mr q 760 710 800 750 510 960 1010 1000 1050 810 800 750 840 790 540 1000 1050 1040 1090 840 850 800 890 840 570 1050 1100 1090 1140 870 ps t skew within-device skew (note 9)q 0 q 3 all 50 75 50 75 50 75 ps t jitter cycletocycle jitter tbd tbd tbd ps part-to-part q 0 q 3 (diff) all 200 240 200 240 200 240 t s setup time en clk divsel clk 150 150 150 ps t h hold time clk en clk div_sel 150 200 150 200 150 200 ps v pp input swing (note 10) 150 1000 150 1000 150 1000 mv t rr reset recovery time 100 100 100 ps t pw minimum pulse width clk mr 800 700 800 700 800 700 ps t r , t f output rise/fall times q (20% 80%) 280 550 280 550 280 550 ps 8. v ee can vary +0.8 v / 0.5 v. 9. skew is measured between outputs under identical transitions. 10. v pp( min) is minimum input swing for which ac parameters guaranteed. the device has a dc gain of 40.
mc100el38 http://onsemi.com 5 clk q (p2) q (p4) q (p6) phase_out (p4) phase_out (p6) figure 3. timing diagram mr t rr driver device receiver device d d q q 50 w 50 w v tt typical termination for output driver and device evaluation (see application note and8020 termination of ecl logic devices.) v tt = v cc 2.0 v resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1503 eclinps i/o spice modeling kit an1504 metastability and the eclinps family an1560 low voltage eclinps spice modeling kit an1568 interfacing between lvds and ecl an1596 eclinps lite translator elt family spice i/o model kit an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8020 termination of ecl logic devices
mc100el38 http://onsemi.com 6 package dimensions so20 dw suffix plastic soic package case 751d05 issue f 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
mc100el38 http://onsemi.com 7 notes
mc100el38 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc100el38/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC100EL38-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X